Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2813-5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2813-5
Description  Low Power Economy BiCMOS Current Mode PWM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2813-5 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2813-5 Datasheet HTML 1Page - Texas Instruments UCC2813-5 Datasheet HTML 2Page - Texas Instruments UCC2813-5 Datasheet HTML 3Page - Texas Instruments UCC2813-5 Datasheet HTML 4Page - Texas Instruments UCC2813-5 Datasheet HTML 5Page - Texas Instruments UCC2813-5 Datasheet HTML 6Page - Texas Instruments UCC2813-5 Datasheet HTML 7Page - Texas Instruments UCC2813-5 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC2813-0/-1/-2/-3/-4/-5
UCC3813-0/-1/-2/-3/-4/-5
DIL-8 or SOIC-8 (TOP VIEW)
N or D PACKAGE
OUT
VCC
REF
GND
FB
COMP
CS
RC
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
VCC Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.0V
VCC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30.0mA
OUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.0A
OUT Energy (Capacitive Load) . . . . . . . . . . . . . . . . . . . 20.0
µJ
Analog Inputs (FB, CS) . . . . . . . . . . . . . . . . . . . . –0.3V to 6.3V
Power Dissipation at TA < +25°C (N Package). . . . . . . . . 1.0W
Power Dissipation at TA < +25°C (D Package). . . . . . . . 0.65W
Storage Temperature . . . . . . . . . . . . . . . . . . . –65 C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55 C to +150°C
Lead Temperature (Soldering, 10 Seconds). . . . . . . . . +300°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: All voltages are with respect to GND. All currents are
positive into the specified terminal. Consult Unitrode Integrated
Circuits databook for information regarding thermal specifica-
tions and limitations of packages.
Note 2: In normal operation VCC is powered through a current
limiting resistor. Absolute maximum of 12V applies when VCC
is driven from a low impedance source such that ICC does not
exceed 30mA.
COMP
FB
CS
RC
REF
VCC
OUT
GND
8
7
6
5
1
2
3
4
TSSOP-8 (TOP VIEW)
PW PACKAGE
UCC
PACKAGE
813
TEMPERATURE RANGE
PRODUCT OPTION
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGES
UCC2813
–40°C TO +85°C
N, D, PW
UCC3813
0°C TO +70°C
N, D, PW
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for –40°C
≤ TA ≤ +85°C for
UCC2813-x; 0°C
≤ TA ≤ +70°C for UCC3813-x; VCC = 10V (Note 3); RT = 100k from REF to RC; CT=330pF from RC to GND;
0.1
µF capacitor from VCC to GND; 0.1µF capacitor from VREF to GND. TA =TJ.
PARAMETER
TEST CONDITIONS
UCC2813-x
UCC3813-x
UNITS
MIN
TYP
MAX
Reference Section
Output Voltage
TJ = +25°C, I = 0.2mA, UCCx813-0/-1/-2/-4
4.925
5.00
5.075
V
TJ = +25°C, I = 0.2mA, UCCx813-5
3.94
4.00
4.06
V
Load Regulation
0.2mA<I<5mA
10
30
mV
Total Variation
UCCx813 -0-1/-2/-4 (Note 7)
4.84
5.00
5.10
V
UCCx813-5 (Note 7)
3.84
4.00
4.08
V
Output Noise Voltage
10Hz
≤ f ≤ 10kHz, TJ = +25°C (Note 9)
70
µV
Long Term Stability
TA = +125 C, 1000 Hours (Note 9)
5
mV
Output Short Circuit
–5
–35
mA
Oscillator Section
Oscillator Frequency
UCCx813-0/-1/-2/-4 (Note 4)
40
46
52
kHz
UCCx813-5 (Note 4)
26
31
36
kHz
Temperature Stability
(Note 9)
2.5
%
Amplitude Peak-to-Peak
2.25
2.40
2.55
V
Oscillator Peak Voltage
2.45
V


Similar Part No. - UCC2813-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2813-5 ETC-UCC2813-5 Datasheet
196Kb / 8P
   Low Power Economy BiCMOS Current Mode PWM
logo
Texas Instruments
UCC2813-5 TI1-UCC2813-5 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813-5 TI1-UCC2813-5 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2813-5-Q1 TI1-UCC2813-5-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
More results

Similar Description - UCC2813-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2813-0 ETC-UCC2813-0 Datasheet
196Kb / 8P
   Low Power Economy BiCMOS Current Mode PWM
logo
Texas Instruments
UCC2813D-0 TI1-UCC2813D-0 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813D-5 TI1-UCC2813D-5 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813-0 TI1-UCC2813-0_13 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com