Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2813-2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2813-2
Description  Low Power Economy BiCMOS Current Mode PWM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2813-2 Datasheet(HTML) 7 Page - Texas Instruments

  UCC2813-2 Datasheet HTML 1Page - Texas Instruments UCC2813-2 Datasheet HTML 2Page - Texas Instruments UCC2813-2 Datasheet HTML 3Page - Texas Instruments UCC2813-2 Datasheet HTML 4Page - Texas Instruments UCC2813-2 Datasheet HTML 5Page - Texas Instruments UCC2813-2 Datasheet HTML 6Page - Texas Instruments UCC2813-2 Datasheet HTML 7Page - Texas Instruments UCC2813-2 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
UCC2813-0/-1/-2/-3/-4/-5
UCC3813-0/-1/-2/-3/-4/-5
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
700
800
900 1000
Oscillator Frequency (kHz)
V
= 10V
, 1nF
CC
V
= 8V
, 1nF
CC
V
= 10V
, No Load
CC
V
= 8V, No Load
CC
Figure 8. UCC3813-0 ICC vs. oscillator frequency.
APPLICATION INFORMATION (cont.)
0
1
2
3
4
5
6
7
8
0
100
200
300
400
500
600
700
800
900 1000
Oscillator Frequency (kHz)
V
= 10V
, 1nF
CC
V
= 8V
, 1nF
CC
V
= 10V
, No Load
CC
V
= 8V, No
Load
CC
Figure 10. UCC3813-5 ICC vs. oscillator frequency.
0
0.6
0.7
0.8
0.9
1.0
1.1
-55-50
-25
0
25
50
75
100
125
Temperature (°C)
Slope = 1.8mV/ C
°
Figure 11. COMP to CS offset vs. temperature,
CS = 0V.
0
50
100
150
200
250
300
350
400
450
500
100
200
300
400
500
600
700
800
900
1000
C
(pF)
T
UCC1803/5
UCC1800/1/2/4
Figure 9. Dead time vs. CT,RT = 100k.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460


Similar Part No. - UCC2813-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2813-2 ETC-UCC2813-2 Datasheet
196Kb / 8P
   Low Power Economy BiCMOS Current Mode PWM
logo
Texas Instruments
UCC2813-2 TI1-UCC2813-2 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813-2 TI1-UCC2813-2 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
UCC2813-2-Q1 TI1-UCC2813-2-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-POWER BIC MOS CURRENT-MODE PWM
More results

Similar Description - UCC2813-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2813-0 ETC-UCC2813-0 Datasheet
196Kb / 8P
   Low Power Economy BiCMOS Current Mode PWM
logo
Texas Instruments
UCC2813D-0 TI1-UCC2813D-0 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813D-5 TI1-UCC2813D-5 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813-0 TI1-UCC2813-0_13 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com