Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4985EIJT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4985EIJT
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985EIJT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4985EIJT Datasheet HTML 2Page - STMicroelectronics TS4985EIJT Datasheet HTML 3Page - STMicroelectronics TS4985EIJT Datasheet HTML 4Page - STMicroelectronics TS4985EIJT Datasheet HTML 5Page - STMicroelectronics TS4985EIJT Datasheet HTML 6Page - STMicroelectronics TS4985EIJT Datasheet HTML 7Page - STMicroelectronics TS4985EIJT Datasheet HTML 8Page - STMicroelectronics TS4985EIJT Datasheet HTML 9Page - STMicroelectronics TS4985EIJT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical Characteristics
TS4985
6/29
Table 6.
VCC = +2.6V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
6.2
12
mA
ISTANDBY
Standby Current (1)
No input signal, Vstdby = GND, RL = 8Ω
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
110
mV
Po
Output Power
THD = 1% Max, F = 1kHz, RL = 8
220
300
mW
THD + N
Total Harmonic Distortion + Noise
Po = 200mWrms, Av = 2, 20Hz
≤ F ≤ 20kHz, RL = 8Ω
0.1
%
PSRR
Power Supply Rejection Ratio(2)
RL = 8
Ω, Av = 2, Vripple = 200mVpp, Input Grounded
F = 217Hz
F = 1kHz
55
55
60
62
dB
Crosstalk
Channel Separation, RL = 8Ω
F = 1kHz
F = 20Hz to 20kHz
-107
-82
dB
TWU
Wake-Up Time (Cb = 1µF)
125
150
ms
TSTDB
Standby Time (Cb = 1µF)
10
µs
VSTDBH
Standby Voltage Level High
1.2
V
VSTDBL
Standby Voltage Level Low
0.4
V
ΦM
Phase Margin at Unity Gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain Bandwidth Product
RL = 8Ω
1.5
MHz
1.
Standby mode is activated when Vstdby is tied to Gnd.
2.
All PSRR data limits are guaranteed by production sampling tests.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon
Vcc


Similar Part No. - TS4985EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4982 STMICROELECTRONICS-TS4982 Datasheet
936Kb / 2P
   Highly-integrated complete 2 W stereo audio subsystem
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
More results

Similar Description - TS4985EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_17 Datasheet
242Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_15 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486 Datasheet
162Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com