Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10036LDG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL10036LDG
Description  Digital Satellite Tuner with RF Bypass
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10036LDG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL10036LDG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10036LDG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ZL10036
Data Sheet
10
Zarlink Semiconductor Inc.
24
P0
Out
Switching port P0.
‘0’ = disabled (high impedance).
‘1’ = enabled.
25
LOCK
Out
Output which indicates that phase
comparator phase and frequency lock
has been obtained and that the varactor
voltage is within ‘tune unlock’ window.
This powers up in logic ‘0’ state.
26
VccRF
+5 V voltage supply for RF
27
RFBYPASS
Out
RF Bypass differential outputs.
AC couple outputs. Matching circuitry as
per applications diagram (Figure 2).
In applications where RF Bypass is not
required, pins should not be connected.
28
RFBYPASS
Out
29
VccRF
+5 V voltage supply for RF
30
N/C
Not connected. Ground externally.
31
RFIN
In
RF differential inputs.
AC couple input.
Matching circuitry as per applications
diagram.
32
RFIN
In
33
N/C
Not connected. Ground externally.
34
RFAGC
In
RF analogue gain control input
Pin
Symbol
Direction
Function
Schematics
P0/P1
P0/P1
LOCK
CMOS Digital Output
LOCK
CMOS Digital Output
VccRF
RFAGC
5k
20k
Vref
VccRF
RFAGC
5k
20k
Vref


Similar Part No. - ZL10036LDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCF ZARLINK-ZL10037LCF Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCF1 ZARLINK-ZL10037LCF1 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCG ZARLINK-ZL10037LCG Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCG1 ZARLINK-ZL10037LCG1 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10036LDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
   Digital Satellite Tuner with RF Bypass
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com