Part Name
         Description
TS78M05C

 3-Terminal Medium Current Positive Voltage Regulator ( 8 Page)


ETC
100% 
Zoom Out Zoom In
   
 3 page
background image
TS78M00 series
3-8
2003/12 rev. B
TS78M08 Electrical Characteristics
(Vin=14V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.69
8
8.32
Output Voltage
Vout
10.5V
≤Vin≤23V,
5mA
≤Iout≤350mA, PD≤5W
7.61
8
8.40
V
Line Regulation
REGline
Tj=25
oC
10.5V
≤Vin≤25V,
Io=200mA
--
6
50
5mA
≤Iout≤500mA
--
25
160
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
10.5V
≤Vin≤25V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V
≤Vin≤21V
56
80
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.2
--
mV/
oC
TS78M09 Electrical Characteristics
(Vin=15V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
8.65
9
9.36
Output Voltage
Vout
11.5V
≤Vin≤23V,
5mA
≤Iout≤350mA, PD≤5W
8.57
9
9.45
V
Line Regulation
REGline
Tj=25
oC
11.5V
≤Vin≤26V,
Io=200mA
--
6
50
5mA
≤Iout≤500mA
--
25
180
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
11.5V
≤Vin≤26V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 12V
≤Vin≤22V
55
80
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.2
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS78M00A3-Terminal Medium Current Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS79M003-Terminal Medium Current Negative Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
NTE972Integrated Circuit 3-Terminal Positive Voltage Regulator 24V 1 2 NTE Electronics
H7806AJ3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 Hi-Sincerity Mocroelectronics
H78M05AT3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 Hi-Sincerity Mocroelectronics
PL7806XJ33-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 Cystech Electonics Corp.
NTE1900Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
H7808AA3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 Hi-Sincerity Mocroelectronics
H78M06AT3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 Hi-Sincerity Mocroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl