Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL4581D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL4581D
Description  DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4581D Datasheet(HTML) 2 Page - Texas Instruments

  TL4581D Datasheet HTML 1Page - Texas Instruments TL4581D Datasheet HTML 2Page - Texas Instruments TL4581D Datasheet HTML 3Page - Texas Instruments TL4581D Datasheet HTML 4Page - Texas Instruments TL4581D Datasheet HTML 5Page - Texas Instruments TL4581D Datasheet HTML 6Page - Texas Instruments TL4581D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL4581
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
SLVS457A – JANUARY 2003 – REVISED MARCH 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (see Note 1): VCC+
22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC–
–22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, either input (see Notes 1 and 2)
VCC±
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (see Note 3)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit (see Note 4)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 5 and 6): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PS package
95
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage.
3. Excessive input current will flow if a differential input voltage in excess of approximately 0.6 V is applied between the inputs, unless
some limiting resistance is used.
4. The output may be shorted to ground or either power supply. Temperature and/or supply voltages must be limited to ensure the
maximum dissipation rating is not exceeded.
5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
TA
Operating free-air temperature range
0
70
°C


Similar Part No. - TL4581D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4581D TI-TL4581D Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581D TI1-TL4581D Datasheet
670Kb / 9P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581DE4 TI-TL4581DE4 Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581DG4 TI1-TL4581DG4 Datasheet
670Kb / 9P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581DR TI-TL4581DR Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results

Similar Description - TL4581D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4581 TI1-TL4581_15 Datasheet
670Kb / 9P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581 TI-TL4581_06 Datasheet
205Kb / 8P
[Old version datasheet]   DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com