Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLTS102A Datasheet(PDF) 4 Page - Texas Instruments

Part # SLTS102A
Description  14-A 12V-Input Adjustable Integrated Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS102A Datasheet(HTML) 4 Page - Texas Instruments

  SLTS102A Datasheet HTML 1Page - Texas Instruments SLTS102A Datasheet HTML 2Page - Texas Instruments SLTS102A Datasheet HTML 3Page - Texas Instruments SLTS102A Datasheet HTML 4Page - Texas Instruments SLTS102A Datasheet HTML 5Page - Texas Instruments SLTS102A Datasheet HTML 6Page - Texas Instruments SLTS102A Datasheet HTML 7Page - Texas Instruments SLTS102A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6721/22 & PT6725 Series
Capacitor Recommendations for the 12V-Input
PT6721/22 and PT6725 Series of ISRs
Input Capacitors
The recommended input capacitor(s) is determined by
1.6Arms minimum ripple current rating and 1,000µF mini-
mum capacitance. Ripple current and Equivalent Series
Resistance (ESR) values are the major considerations along
with temperature when selecting the proper capacitor.
The tantalum capacitors listed below cannot be used on
the input bus since they are not rated for 12V operation.
Output Capacitors
The minimum required output capacitance is 330µF with a
maximum ESR less than or equal to 50m
Ω. Failure to
observe this requirement may lead to regulator instability
or oscillation. Electrolytic capacitors have poor ripple
performance at frequencies greater than 400kHz, but
excellent low frequency transient response. Above the
ripple frequency ceramic decoupling capacitors are nec-
essary to improve the transient response and reduce any
microprocessor high frequency noise components apparent
during higher current excursions. Preferred low ESR type
capacitor part numbers are identified in the Table 1 below.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
t
n
u
o
M
e
c
a
f
r
u
S
(
K
F
/
C
F
V
5
3
V
5
2
V
5
2
V
0
5
V
5
2
V
5
3
0
8
6
0
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
0
7
4
3
4
0
.
0
8
3
0
.
0
8
3
0
.
0
3
7
0
0
8
3
0
.
0
3
4
0
.
0
A
m
5
5
6
1
A
m
5
5
6
1
A
m
0
9
6
1
A
m
0
1
6
1
A
m
0
0
0
2
A
m
0
9
6
1
5
.
2
1
× 0
2
5
.
2
1
× 0
2
6
1
× 5
1
6
1
× 5
.
6
1
8
1
× 5
.
6
1
6
1
× 5
.
6
1
2
1
1
1
1
2
1
2
1
1
1
1
1
8
6
V
1
C
F
U
E
E
2
0
1
E
1
C
F
U
E
E
S
2
0
1
E
1
C
F
U
E
E
M
2
0
1
H
1
K
F
V
E
E
N
2
0
1
E
1
C
F
V
E
E
N
1
7
4
V
1
C
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
V
5
3
V
5
3
V
6
1
0
8
6
0
0
0
1
0
7
4
4
3
0
.
0
8
3
0
.
0
4
8
0
.
0
÷
2
4
0
.
0
=
2
A
m
0
9
6
1
A
m
0
3
6
1
(
A
m
5
2
8
× )
2
5
.
2
1
× 5
2
6
1
× 0
2
0
1
× 6
1
2
1
2
1
1
1
L
L
5
2
X
2
1
M
0
8
6
B
V
5
3
V
X
L
L
L
0
2
X
6
1
M
2
0
1
B
V
5
3
V
X
L
L
L
6
1
X
0
1
M
1
7
4
B
V
6
1
V
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
L
P
s
e
i
r
e
S
M
P
V
5
3
V
5
2
V
5
3
0
8
6
0
0
2
1
0
0
0
1
6
3
0
.
0
9
3
0
.
0
4
3
0
.
0
A
m
0
6
6
1
A
m
0
0
6
1
A
m
0
7
7
1
5
.
2
1
× 5
2
8
1
× 5
1
6
1
× 0
2
2
1
1
1
1
1
H
H
M
1
8
6
V
1
L
P
U
6
H
H
M
2
2
1
E
1
L
P
U
6
H
H
M
2
0
1
V
1
M
P
U
:
n
o
c
-
s
O
S
S
)
t
n
u
o
M
e
c
a
f
r
u
s
(
V
S
V
0
1
V
0
1
0
3
3
0
3
3
5
2
0
.
0
0
2
0
.
0
A
m
0
0
5
3
A
m
0
0
8
3
0
1
× 5
.
0
1
3
.
0
1
× 3
.
0
1
)
1
(
R
/
N
)
1
(
R
/
N
1
1
V
(
M
0
3
3
S
S
0
1
o
)
V
5
<
V
(
0
3
3
V
S
0
1
o
)
V
5
<
m
u
l
a
t
n
a
T
X
V
A
)
t
n
u
o
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
÷
5
0
.
0
=
2
6
0
.
0
÷
3
0
.
0
=
2
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
)
1
(
R
/
N
)
1
(
R
/
N
2
2
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
m
u
l
a
t
n
a
T
t
e
m
e
K
s
e
i
r
e
S
5
9
4
T
/
0
1
5
T
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
1
V
0
1
0
3
3
0
2
2
3
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
)
1
(
R
/
N
)
1
(
R
/
N
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
S
A
0
0
1
0
M
7
2
2
X
5
9
4
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
4
9
5
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
10
3
35
4
0
.
0
A
m
0
6
3
2L
2
.
7
× W
6
× H
1
.
4
)
1
(
R
/
N1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
Note: (N/R -Not recommended) The 10V-rated tantalum capacitors cannot be used on the input bus.
Table 1 Capacitors Characteristic Data
Tantalum Characteristics
Tantalum capacitors are recommended on the output bus
but only AVX TPS Series, Sprague 593D/594/595 Series,
or Kemet T495/T510 Series. These capacitors are recom-
mended over other types due to their higher surge current,
excellent power dissipation and ripple current ratings. As a
caution, the TAJ Series by AVX is not recommended. This
series exhibits considerably higher ESR, reduced power
dissipation and lower ripple current capability. The TAJ
Series is also less reliable compared to the TPS series when
determining power dissipation capability.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple cur-
rent (rms) ratings. The suggested minimum quantities
per regulator for both the input and output buses are
identified.
This is not an extensive capacitor list. Capacitors from
other vendors are available with comparable specifications.
Those listed are for guidance. The RMS ripple current rating
and ESR (Equivalent Series Resistance at 100kHz) are the
critical parameters are necessary to insure both optimum
regulator performance and long capacitor life.


Similar Part No. - SLTS102A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS100B TI1-SLTS100B Datasheet
228Kb / 9P
[Old version datasheet]   13-A Output Current
SLTS103B TI1-SLTS103B Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
SLTS109B TI1-SLTS109B Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
More results

Similar Description - SLTS102A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
[Old version datasheet]   10-A 12V-Input Dual Output Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com