Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9560 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9560
Description  Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9560 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9560 Datasheet HTML 2Page - NXP Semiconductors PCA9560 Datasheet HTML 3Page - NXP Semiconductors PCA9560 Datasheet HTML 4Page - NXP Semiconductors PCA9560 Datasheet HTML 5Page - NXP Semiconductors PCA9560 Datasheet HTML 6Page - NXP Semiconductors PCA9560 Datasheet HTML 7Page - NXP Semiconductors PCA9560 Datasheet HTML 8Page - NXP Semiconductors PCA9560 Datasheet HTML 9Page - NXP Semiconductors PCA9560 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product data
PCA9560
Dual 5-bit multiplexed 1-bit latched
I2C EEPROM DIP switch
2003 Jun 27
6
CONVERSION FROM THE PCA9559 TO THE PCA9560
The PCA9560 is a drop in replacement to the PCA9559 with no software modifications. The PCA9559 has only one MUX_SELECT pin to
choose between the MUX_IN values and the single non-volatile register. Since the PCA9560 has two internal non-volatile registers, if Register 1
is left to all 0’s (default condition) then the MUX_SELECT_1 pin can function the same as the PCA9559 OVERRIDE # pin and MUX_SELECT_0
pin can function the same as the PCA9559 MUX_IN pin.
The PCA9560 can read the MUX_IN_X values via I2C that the PACA9559 cannot do. Another difference is that the MUX_SELECT_X control
pins can be overridden by I2C. To replace the PCA9559 with the PCA9560, the function table for the MUX_OUT outputs and the
NON_MUXED_OUT output must stay the same and the MUX_SELECT pin functions should not be overridden by I2C.
EXTERNAL CONTROL SIGNALS
The Write Protect (WP) input is used to control the ability to write the content of the non-volatile registers. If the WP signal is logic 0, the I2C bus
will be able to write the contents of the non-volatile registers. If the WP signal is logic 1, data will not be allowed to be written into the
non-volatile registers. In this case, the slave address and the command code will be acknowledged but the following data bytes will not be
acknowledged and the EEPROM is not updated.
The factory default for the contents of the non-volatile register are all logic 0. These stored values can be read or written using the I2C-bus
(described in the next section).
The WP, MUX_IN*, MUX_SELECT_0, and MUX_SELECT_1 signals have internal pull-up resistors. See the DC and AC Characteristics for
hysteresis and signal spike suppression figures.
Function Table1
WP
MUX_SELECT_0
MUX_SELECT_1
COMMANDS
0
X
X
Write to the non-volatile registers through I2C bus allowed
1
X
X
Write to the non-volatile registers through I2C bus not
allowed
X
0
1
MUX_OUT and NON_MUXED_OUT (transparent) from
EEPROM byte 0
X
0
0
MUX_OUT and NON_MUXED_OUT (transparent) from
EEPROM byte 1
X
1
1
MUX_OUT from MUX_IN inputs and NON_MUXED_OUT
latched (from EEPROM 0)
X
1
0
MUX_OUT from MUX_IN inputs and NON_MUXED_OUT
latched (from EEPROM 1)
NOTE:
1. This table is valid when not overridden by I2C control register.
POWER-ON RESET (POR)
When power is applied to VDD, an internal power-on reset holds the PCA9560 in a reset state until VDD has reached VPOR. At that point, the
reset condition is released and the PCA9560 volatile registers and I2C/SMBus state machine will initialize to their default states.
The MUX_OUT and NON_MUXED_OUT pin values depend on:
- the MUX_SELECT_0 and MUX_SELECT_1 logic levels, selecting either the MUX_IN input pins or one of the two 6-bit EEPROMs
- the previously stored values in the EEPROM registers/current MUX_IN pin values as shown in the Function Table


Similar Part No. - PCA9560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560 NXP-PCA9560 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9560D PHILIPS-PCA9560D Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560PW PHILIPS-PCA9560PW Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
More results

Similar Description - PCA9560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9561 PHILIPS-PCA9561_04 Datasheet
133Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
PCA9561 PHILIPS-PCA9561 Datasheet
111Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2003 Jun 27
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
FM3540 FAIRCHILD-FM3540 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
logo
Texas Instruments
CYBUS3384 TI-CYBUS3384 Datasheet
227Kb / 11P
[Old version datasheet]   Dual 5-Bit Bus Switch
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com