Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE24 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE24
Description  Silicon Complementary Transistors General Purpose Amplifier, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE24 Datasheet(HTML) 2 Page - NTE Electronics

  NTE24 Datasheet HTML 1Page - NTE Electronics NTE24 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 500mA, IB = 50mA
0.5
V
IC = 1000mA, IB = 100mA
1.5
V
Base–Emitter ON Voltage
VBE(on)
VCE = 2V, IC = 1000mA
0.5
V
Current Gain Bandwidth Product
fT
VCE = 5V, IC = 200mA, f = 100MHz
50
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
30
pF
.100 (2.54)
.200 (5.08)
.180 (4.57)
.018 (0.46)
.015 (0.38)
.050 (1.27)
.050 (1.27)
3.050 (1.27)
.090 (2.28) R
.180
(4.57)
.594
(15.09)
.140
(3.55)
E C B


Similar Part No. - NTE24

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE240 NTE-NTE240 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
   Silicon PNP Transistor RF Stages in FM Front Ends
NTE2402 NTE-NTE2402 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2403 NTE-NTE2403 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
More results

Similar Description - NTE24

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE182 NTE-NTE182 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Switch
NTE287 NTE-NTE287 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage, General Purpose Amplifier
NTE2345 NTE-NTE2345 Datasheet
25Kb / 2P
   Silicon Complementary Transistors General Purpose Darlington, Power Amplifier
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Low Noise, General Purpose Amplifier
NTE90 NTE-NTE90 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
   Silicon Complementary Transistors General Purpose
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com