Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL500 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQL500
Description  LNA for 5GHz UNII Band 802.11a Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL500 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQL500 Datasheet HTML 1Page - TriQuint Semiconductor TQL500 Datasheet HTML 2Page - TriQuint Semiconductor TQL500 Datasheet HTML 3Page - TriQuint Semiconductor TQL500 Datasheet HTML 4Page - TriQuint Semiconductor TQL500 Datasheet HTML 5Page - TriQuint Semiconductor TQL500 Datasheet HTML 6Page - TriQuint Semiconductor TQL500 Datasheet HTML 7Page - TriQuint Semiconductor TQL500 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TQL5000
Datasheet
Applications Information
0.4 Max
1
3
2
6
5
4
1.3+0.1 /-0.05
2. +0.1 /-0.05
0.4 Max
Bottom View
1.3+0.1 /-0.05
2. +0.1 /-0.05
1.3+0.1 /-0.05
2. +0.1 /-0.05
2.
1.3mm x 2mm SLIM-7 Package
Top View
+0.1 /-0.05
4
5
6
2
3
1
Functional Block Diagram:
RF
Input
RF
Output
Vdd
Src
Pin Assignments:
PIN
Symbol
Abbreviation
Description
1
Vdd
Vdd
Drain Supply Voltage
2
Ground
GND
RF and DC Ground
3
RF IN
RF IN
RF Input
4
SRC
SRC
Source Grounding
5
N/C
N/C
No Connection
6
RF OUT
RF OUT
RF Output
Application Circuit:
LNA_OUT
VDD
LNA_IN
Po rt
P2
Nu m =2
R
R1
R=5 .1 Oh m
C
C2
C=10 nF
Po rt
P3
Nu m =3
TS LP 7_ cs
X3
TQL5000
6
5
4
3
2
1
Po rt
P1
Nu m =1
4
For further information please visit www.triquint.com
Datasheet rev 6.0; December 16, 2004.


Similar Part No. - TQL500

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQL50A TOPSTEK-TQL50A Datasheet
88Kb / 2P
   Topstek Current Transducer
More results

Similar Description - TQL500

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQS5200 TRIQUINT-TQS5200 Datasheet
432Kb / 8P
   SPDT Switch for Single- band and Dual-band, 802.11a/b/g Systems
TQP787011 TRIQUINT-TQP787011 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
TQP787011 TRIQUINT-TQP787011_15 Datasheet
232Kb / 1P
   802.11a 5GHz WLAN Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2008L20T WALSIN-RFDIP2008L20T Datasheet
255Kb / 2P
   For WLAN Band 2.4GHz & 5GHz Application
RFBPF2520090K1T WALSIN-RFBPF2520090K1T Datasheet
700Kb / 7P
   For 5GHz ISM Band RF Application
logo
Johanson Technology Inc...
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
   5.24GHz High Rejection UNII-low Band Pass Filter
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
   5.67GHz High Rejection UNII-High, Band Pass Filter
logo
Panasonic Battery Group
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
   Single Band LNA-IC for 2.5 GHz Band Applications
logo
Panasonic Semiconductor
AN26027A PANASONIC-AN26027A Datasheet
285Kb / 12P
   Single band LNA-IC for 600 MHz band applications
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com