Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7862FS Datasheet(PDF) 6 Page - Rohm

Part # BH7862FS
Description  High-performance 6-channel video driver IC for progressive DVD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7862FS Datasheet(HTML) 6 Page - Rohm

  BH7862FS Datasheet HTML 1Page - Rohm BH7862FS Datasheet HTML 2Page - Rohm BH7862FS Datasheet HTML 3Page - Rohm BH7862FS Datasheet HTML 4Page - Rohm BH7862FS Datasheet HTML 5Page - Rohm BH7862FS Datasheet HTML 6Page - Rohm BH7862FS Datasheet HTML 7Page - Rohm BH7862FS Datasheet HTML 8Page - Rohm BH7862FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BH7862FS
Multimedia ICs
6/9
!
!
!
!
Electrical characteristics (unless otherwise noted, Ta=25
°C, VCC=5.0V)
(
∗The standard values (Typical values) below are design value for your reference.)
Parameter
Conditions
Circuit current 1
Circuit current 2
Maximum output level
Frequency characteristics 1
Frequency characteristics 2
Group delay characteristics
Differential gain
Differential phase
Crosstalk between channels
C/N
MUTE attenuation
Input impedance
MUTE holding voltage
6CH ACTIVE
MUTE
C
MIX1
MIX2
Y
PY
Pb
Pr
C
MIX1
MIX2
Y
PY
Pb
Pr
Y
⇔C
C
⇔Y
PY
⇔Pb(Pr)
Pb
⇔Pr
Pb(Pr)
⇔PY
No signal MUTE : OFF
No signal MUTE : ON
CIN : f
=3.58MHz,
YIN, PYIN, PbIN, PrIN : f
=1MHz
Output tertiary distortion :
−30dB
CIN : f
=3.58MHz, 1VPP
YIN, PYIN, PbIN, PrIN : f
=1MHz, 1VPP
CIN, PbIN, PrIN input terminal
CIN : f
=1.5/3.58MHz, 6/3.58MHz, 1VPP
CIN : f
=27/3.58MHz, 1VPP
CIN : f
=1.5/3.58MHz, 6/3.58MHz, 1VPP
YIN : f
=6/1MHz, 1VPP
YIN : f
=6/1MHz, 1VPP
PYIN : f
=12/1MHz, 1VPP
PbIN : f
=6/1MHz, 1VPP
CIN : f
=27/3.58MHz, 1VPP
YIN : f
=27/1MHz, 1VPP
YIN : f
=27/1MHz, 1VPP
PYIN : f
=54/1MHz, 1VPP
PbIN : f
=27/1MHz, 1VPP
PrIN : f
=27/1MHz, 1VPP
YIN : f
=1MHz, 1VPP
CIN : f
=3.58MHz, 1VPP
Symbol
ICC1
ICC2
VOM
VT1HH
VT1HL
GFC
GFMIX1
GFMIX2
GFY
GFPb
GFPY
GFPr
GFCATT
GFMIX1ATT
GFMIX2ATT
GFYATT
GFPYATT
GFPbATT
GFPrATT
DG
DP
CT1
∆GD1
∆GD2
MT
ZIN
CT3
VN
Pb(Pr) : f
=1MHz, 1VPP
PYIN : f
=1MHz, 1VPP
Pb(Pr) : f
=1MHz, 1VPP
YIN : f
=1MHz, VIN=1VPP
CIN : f
=3.58MHz, VIN=1VPP
GD difference between Y and C
PYIN : f
=1MHz, VIN=1VPP
PbIN(PrIN) : f
=1MHz, VIN=1VPP
GD difference between PY and Pb (Pr)
1 VPP standard staircase signal
1 VPP standard staircase signal
100% white video signal
MUTE OFF
MUTE ON
Typ.
17
3.0
0
20
90
0
0
0
0
0
−40
−40
−40
−40
−20
−20
−50
−50
−60
−75
5.0
5.0
1.0
0.5
Min.
2.6
16
−2.0
−2.0
−2.0
−2.0
−2.0
−2.0
4.0
GND
Max.
2.0
25
110
2.0
2.0
2.0
2.0
2.0
0
−2.0
2.0
24
−40
−−
CT2
−60
−−
VCC
1.0
Unit
mA
mA
VPP
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Voltage gain
C
MIX(C)
MIX(Y)
Y
PY
Pb
Pr
CIN : f
=3.58MHz, 1VPP
GVC
GVMIXC
GVMIXY
GVY
GVPb
GVPY
GVPr
CIN : f
=3.58MHz, 1VPP
YIN : f
=1MHz, 1VPP
YIN : f
=1MHz, 1VPP
PYIN : f
=1MHz, 1VPP
PbIN : f
=1MHz, 1VPP
PrIN : f
=1MHz, 1VPP
6.0
6.0
6.0
6.0
6.0
6.0
6.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
dB
dB
dB
dB
dB
dB
dB
ns
ns
%
deg
k
V
V
PrIN : f
=6/1MHz, 1VPP
∗1 Add the sine wave of "f=1MHz (C : f=3.58MHz)" to the input. VIN and adjust the input level so that the tertiary distortion of output can be -30dB.
Then, the output voltage shall be a maximum output level VOM (VPP).
∗2 Measure the input voltage VIN50 (V) and input open circuit voltage VIN (V) when 50µA has applied to the input CIN, PbIN and PrIN. Then, the input impedance ZIN is as
follows : ZIN=|VIN50
−VIN| / 50µ [kΩ]
∗1
∗2


Similar Part No. - BH7862FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7867FS ROHM-BH7867FS Datasheet
239Kb / 6P
   6 Outputs Video Driver for DVD Applications
BH7868FS ROHM-BH7868FS Datasheet
242Kb / 6P
   6 Outputs Video Driver for DVD Applications
More results

Similar Description - BH7862FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7867FS ROHM-BH7867FS Datasheet
239Kb / 6P
   6 Outputs Video Driver for DVD Applications
BH7868FS ROHM-BH7868FS Datasheet
242Kb / 6P
   6 Outputs Video Driver for DVD Applications
logo
Mitsumi Electronics, Co...
MM1567 MITSUMI-MM1567 Datasheet
132Kb / 13P
   Video Signal Driver for DVD Players Monolithic IC
MM1566 MITSUMI-MM1566 Datasheet
124Kb / 15P
   Video Signal Driver for DVD Players Monolithic IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
   Video Signal Driver for DVD Player MM1623XFBE
logo
Rohm
BH7602FS ROHM-BH7602FS Datasheet
306Kb / 6P
   Wide Bandwidth video Driver for DVD recorder
logo
ARTSCHIP ELECTRONICS CO...
HT1628 ARTSCHIP-HT1628 Datasheet
1Mb / 13P
   DVD LED Driver IC
logo
Shenzhen Huazhimei Semi...
FMS6363 HMSEMI-FMS6363 Datasheet
916Kb / 8P
   Three-channel 6-order HD video filter driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com