Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWW8600 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLWW8600
Description  TELUX LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWW8600 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLWW8600 Datasheet HTML 1Page - Vishay Siliconix TLWW8600 Datasheet HTML 2Page - Vishay Siliconix TLWW8600 Datasheet HTML 3Page - Vishay Siliconix TLWW8600 Datasheet HTML 4Page - Vishay Siliconix TLWW8600 Datasheet HTML 5Page - Vishay Siliconix TLWW8600 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLWW8600
Document Number 83169
Rev. A2, 22-Apr-03
Vishay Semiconductors
www.vishay.com
1
16 012
TELUX™ LED
Description
The TELUX™ series is a clear, non diffused LED for
high end applications where supreme luminous flux is
required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed InGaN technology.
The supreme heat dissipation of TELUX™ allows
applications at high ambient temperatures.
All packing units are binned for luminous flux and
color to achieve best homogenous light appearance
in application.
Features
• Utilizing InGaN technology
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature: Tj + 100 °C
• Packed in tubes for automatic insertion
• Luminous flux and color categorized for each tube
• Small mechanical tolerances allow precise usage
of external reflectors or lightguides
• ESD-withstand voltage:
> 1 kV acc. to MIL STD 883 D, Method 3015.7
Applications
• Exterior lighting
• Dashboard illumination
• Tail-, Stop - and Turn Signals of motor vehicles
• Replaces incandescent lamps
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLWW8600
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLWW8600
White,
φV > 630 mlm
30
InGaN / YAG on SiC
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
IR = 10 µA
VR
5
V
DC forward current
Tamb ≤ 50 °C
IF
50
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
Tamb ≤ 50 °C
PV
255
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature
100 °C/ 30 sec.
Tsd
260
°C
Thermal resistance junction/
ambient
with cathode heatsink
of 70 mm
2
RthJA
200
K/W
Thermal resistance junction/pin
RthJP
90
K/W


Similar Part No. - TLWW8600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW7900 VISHAY-TLWW7900 Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWW9600 VISHAY-TLWW9600 Datasheet
143Kb / 6P
   TELUX-TM LED
Rev. A3, 22-Apr-03
TLWW9900 VISHAY-TLWW9900 Datasheet
172Kb / 6P
   TELUX LED
Rev. A1, 22-Apr-03
logo
Toshiba Semiconductor
TLWWK1100B TOSHIBA-TLWWK1100B Datasheet
238Kb / 10P
   Panel Circuit Indicator
TLWWK1100BT11 TOSHIBA-TLWWK1100BT11 Datasheet
238Kb / 10P
   Panel Circuit Indicator
More results

Similar Description - TLWW8600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com