Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHR4600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHR4600
Description  High Efficiency LED, 3 mm Tinted Total Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4600 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHR4600 Datasheet HTML 1Page - Vishay Siliconix TLHR4600 Datasheet HTML 2Page - Vishay Siliconix TLHR4600 Datasheet HTML 3Page - Vishay Siliconix TLHR4600 Datasheet HTML 4Page - Vishay Siliconix TLHR4600 Datasheet HTML 5Page - Vishay Siliconix TLHR4600 Datasheet HTML 6Page - Vishay Siliconix TLHR4600 Datasheet HTML 7Page - Vishay Siliconix TLHR4600 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLH.46..
Vishay Telefunken
3 (8)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83007
Green
(TLHG46.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA, IVmin/IVmax ≥ 0.5
TLHG4600
IV
1
2
mcd
y
F
Vmin Vmax
TLHG4601
IV
1.6
3.5
mcd
TLHG4605
IV
4
6
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±60
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10904
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10905
50
Figure 2 Forward Current vs. Ambient Temperature
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10047
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv65°C
Figure 3 Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10043
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4 Rel. Luminous Intensity vs.
Angular Displacement


Similar Part No. - TLHR4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4600 VISHAY-TLHR4600 Datasheet
101Kb / 8P
   High Efficiency LED, 3 mm Tinted Total Diffused
Rev. A1, 04-Feb-99
TLHR4600 VISHAY-TLHR4600 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHR4600 VISHAY-TLHR4600 Datasheet
185Kb / 9P
   High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
More results

Similar Description - TLHR4600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR46 VISHAY-TLHR46 Datasheet
101Kb / 8P
   High Efficiency LED, 3 mm Tinted Total Diffused
Rev. A1, 04-Feb-99
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHA44R1S2 VISHAY-TLHA44R1S2 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2022
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
   High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG460 VISHAY-TLHG460_V01 Datasheet
186Kb / 9P
   High Efficiency LED in 횠 3 mm Tinted Total Diffused Package
01-Jan-2022
TLHG640 VISHAY-TLHG640_V01 Datasheet
200Kb / 9P
   High Efficiency LED in 횠 3 mm Tinted Total Diffused Package
01-Jan-2022
TLHB440 VISHAY-TLHB440 Datasheet
71Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Diffused
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com