Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDS2014 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TDS2014
Description  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS2014 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TDS2014 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2014 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Storage Oscilloscopes TDS1000 and TDS2000 Series
www.tektronix.com/tds2000
7
Digital Storage Oscilloscopes
TDS1002 TDS1012 TDS2002 TDS2012 TDS2014 TDS2022 TDS2024
CompactFlash to USB Memory Card Reader –
(119-6827-00).
TDSPCS1 OpenChoice PC Communication
Software – A collection of programs that enable
fast and easy transfer communication between
MS Windows PCs and TDS3000B, TDS2000,
TDS1000, and TDS200 Series oscilloscopes;
included with TDS2CMAX and TDS2MEM
communication modules.
Minimum System Requirements:
500 MHz Pentium equivalent or greater
128 MB
MS Windows 98 SE, XP Professional,
Me, or 2000
MS Office 2000 or XP (for TDS toolbars
only) – Excel 2000 or 2002; Word 2000
or 2002
Keyboard and mouse
LAN, GPIB or serial connector
WaveStarSoftware for Oscilloscopes
(WSTRO) – Windows 98/2000/ME/NT 4.0
application for waveform capture, analysis,
documentation, and control from your PC. Provides
enhanced oscilloscope data measurement,
analysis, remote-setup, and charting features.
Connects to a wide variety of Tektronix
oscilloscopes over GPIB, RS-232, and
Ethernet connections.
AD007 – LAN/WAN GPIB converter.
AC2100 – Soft case for carrying instrument.
HCTEK321 – Hard plastic case for carrying
instrument (requires AC2100).
RM2000 – Rackmount kit.
Service Manual (TDS1000 and TDS2000 Series
Digital Storage Oscilloscopes) – English Only
(071-1076-00).
Programmer Manual (TDS200, TDS1000
and TDS2000 Series Digital Storage
Oscilloscopes) – English only (071-1075-01).
Operator Training Kit – Extensive instructions
and step-by-step lab exercises provide education
about the operation of the TDS1000 and TDS2000
Series oscilloscopes. Kit includes a self-paced
CD-ROM-based manual and signal source board
(TNGTDS01). Optional hard copy manual is
available for order separately.
Recommended Probes
P2220 – 10X - 1X switchable passive probe
(200 MHz when 10X is selected).
P6015A – 1000X high voltage passive probe
(75 MHz).
P5100 – 100X high voltage passive probe
(250 MHz).
P5200 – High voltage active differential probe
(25 MHz).
P6021 – 60 MHz AC current probe.
P6022 – 120 MHz AC current probe.
A621 – 2000 A AC current probe/BNC.
A622 – 100 A AC/DC current probe/BNC.
AM503S – AC/DC current probe system.
Power Plug Options
Opt. A0 – North America power.
Opt. A1 – Universal EURO power.
Opt. A2 – United Kingdom power.
Opt. A3 – Australia power.
Opt. A5 – Switzerland power.
Opt. A99 – No power cord or AC adapter.
Opt. AC – China power.
Accessory Cables
GPIB, 1 m (3.3 ft.) – Order 012-0991-01.
GPIB, 2 m (6.6 ft.) – Order 012-0991-00.
RS-232, 9-Pin female to 25-Pin male,
4.6 m (15 ft.), for Modems – Order
012-1241-00.
RS-232, 9-Pin female to 9-Pin female, null
modem, for computers – Order 012-1651-00.
RS-232, 9-Pin female to 25-Pin female, null
modem, for computers – Order 012-1380-00.
RS-232, 9-Pin female to 25-Pin male, null
modem, for printers – Order 012-1298-00.
Centronics, 25-Pin male to 36-Pin Centronics,
2.4 m (8 ft.), for Parallel Printer Interfaces –
Order 012-1214-00.
International User Manual
(TDS1000 and TDS2000
Series Digital Storage
Oscilloscopes, includes
TDS2CMAX*1 user information)
Opt. L0 – English (071-1064-00).
Opt. L1 – French (071-1065-00).
Opt. L2 – Italian (071-1066-00).
Opt. L3 – German (071-1067-00).
Opt. L4 – Spanish (071-1068-00).
Opt. L5 – Japanese (071-1069-00).
Opt. L6 – Portuguese (071-1070-00).
Opt. L7 – Simplified Chinese (071-1071-00).
Opt. L8 – Traditional Chinese (071-1072-00).
Opt. L9 – Korean (071-1073-00).
Opt. LR – Russian (071-1074-00).
Translated front panel overlays included with their
respective user manuals.
Warranty Information
Three year warranty covering all labor and parts,
excluding probes and accessories.
*1The user information for the TDS2CMA communication
module that appears in this manual also applies to the
TDS2CMAX communication module.
Tektronix probes are expressly designed
for your oscilloscope, with identical quality
standards and built-in compatibility for
optimum performance.


Similar Part No. - TDS2014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS2014B ETC1-TDS2014B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2014C ETC2-TDS2014C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2014C TEKTRONIX-TDS2014C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results

Similar Description - TDS2014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com