Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1506P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1506P
Description  GreenChip SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1506P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1506P Datasheet HTML 6Page - NXP Semiconductors TEA1506P Datasheet HTML 7Page - NXP Semiconductors TEA1506P Datasheet HTML 8Page - NXP Semiconductors TEA1506P Datasheet HTML 9Page - NXP Semiconductors TEA1506P Datasheet HTML 10Page - NXP Semiconductors TEA1506P Datasheet HTML 11Page - NXP Semiconductors TEA1506P Datasheet HTML 12Page - NXP Semiconductors TEA1506P Datasheet HTML 13Page - NXP Semiconductors TEA1506P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2003 Sep 09
10
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1506P; TEA1506AP;
TEA1506T; TEA1506AT
OverCurrent Protection (OCP)
The cycle-by-cycle peak drain current limit circuit uses the
external source resistor to measure the current accurately.
This allows optimum size determination of the transformer
core (cost issue). The circuit is activated after the leading
edge blanking time, tleb. The OCP circuit limits the ‘sense’
voltage to an internal level.
OverPower Protection (OPP)
During the primary stroke, the rectified mains input voltage
is measured by sensing the current drawn from pin DEM.
This current is dependent on the mains voltage, according
to the following formula:
where:
The current information is used to adjust the peak drain
current, which is measured via pin Isense. The internal
compensation is such that an almost mains independent
maximum output power can be realized.
The OPP curve is given in Fig.10.
Short winding protection
After the leading edge blanking time, the short winding
protection circuit is activated. If the ‘sense’ voltage
exceeds the short winding protection voltage Vswp, the
converter will stop switching. Once VCC drops below the
UVLO level, capacitor CVCC will be recharged and the
supply will restart again. This cycle will be repeated until
the short-circuit is removed (safe restart mode).
The short winding protection will also protect in case of a
secondary diode short-circuit.
OverTemperature Protection (OTP)
An accurate temperature protection is provided in the
circuit. When the junction temperature exceeds the
thermal shutdown temperature, the IC will enter the safe
restart mode.
When the Vstart level is reached, switching starts again.
This process is repeated as long as the OTP condition
exists.
I
DEM
V
aux
R
DEM
---------------
NV
mains
×
R
DEM
--------------------------
≈≈
N
N
aux
N
p
------------
=
handbook, halfpage
MGU236
0.52 V
(typ)
0.3 V
(typ)
IDEM
Vsense(max)
−24 µA
(typ)
−100 µA
(typ)
Fig.10 OPP correction curve.


Similar Part No. - TEA1506P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1507P PHILIPS-TEA1507P Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
More results

Similar Description - TEA1506P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com