Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCMD4000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TCMD4000
Description  Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 4 page
background image
www.vishay.com
4
Document Number 83513
Rev. 1.6, 26-Oct-04
TCMD1000 / TCMD4000
Vishay Semiconductors
Figure 5. Relative Current Transfer Ratio vs. Ambient
Temperature
Figure 6. Collector Dark Current vs. Ambient Temperature
Figure 7. Collector Current vs. Forward Current
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30–20–10 0 102030405060708090 100
Tamb – Ambient Temperature (°C )
14391
VCE=5V
IF=1mA
1
10
100
1000
10000
100000
20
30
40
50
60
70
80
90
100
Tamb – Ambient Temperature (°C )
14392
VCE=10V
IF=0
0.1
1.0
10.0
100.0
1000.0
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
14393
VCE=2V
Figure 8. Collector Current vs. Collector Emitter Voltage
Figure 9. Collector Emitter Saturation Voltage vs. Collector Current
Figure 10. Current Transfer Ratio vs. Forward Current
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage(V)
14394
1mA
0.5mA
0.2mA
0.1mA
IF=2mA
0.6
0.7
0.8
0.9
1.0
1.1
1
10
100
IC – Collector Current ( mA )
14395
CTR=200%
25%
50%
100%
10
100
1000
10000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
14396
VCE=2V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
IL755Optocoupler Photodarlington Output AC Input High Gain Single Dual Channel 1 2 3 4 5 MoreVishay Siliconix
PC3Q66QMini-flat Package High Collector-Emitter Voltage Type Half Pitch Photocoupler 1 2 3 4 Sharp Electrionic Components
H11B1Optocoupler Photodarlington Output High Gain With Base Connection 1 2 3 4 5 MoreVishay Siliconix
IL55BOptocoupler Photodarlington Output High Gain 1 2 3 4 5 MoreVishay Siliconix
ICPL2730HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT 1 2 3 4 List of Unclassifed Manufacturers
SFH692ATPhotodarlington Optocoupler High BVCEO Voltage Miniflat SOP Package 1 2 3 4 5 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl