Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCMD4000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TCMD4000
Description  Optocoupler, Photodarlington Output, High Gain, Single/Quad Channel, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
TCMD1000 / TCMD4000
Document Number 83513
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
17298
C
CE
AC
4PIN
16 PIN
12
8
9
Pb
Pb-free
e3
Optocoupler, Photodarlington Output, High Gain, Single/Quad
Channel, Half Pitch Mini-Flat Package
Features
• Low profile package (half pitch)
• AC Isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E76222 System Code M, Double
Protection
• CSA 22.2 bulletin 5A, Double Protection
Applications
Programmable logic
Modems
Answering machines
General applications
Description
The TCMD1000 / TCMD4000 consist of a photodar-
lington optically coupled to a gallium arsenide infra-
red-emitting diodes in either a 4 pin or 16 pin miniflat
package.
The elements provide a fixed distance between input
and output for highest safety requirements.
Order Information
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
TCMD1000
CTR > 600 %, SMD-4
TCMD4000
CTR > 600 %, SMD-16
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 µsIFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
IL755Optocoupler Photodarlington Output AC Input High Gain Single Dual Channel 1 2 3 4 5 MoreVishay Siliconix
PC3Q66QMini-flat Package High Collector-Emitter Voltage Type Half Pitch Photocoupler 1 2 3 4 Sharp Electrionic Components
H11B1Optocoupler Photodarlington Output High Gain With Base Connection 1 2 3 4 5 MoreVishay Siliconix
IL55BOptocoupler Photodarlington Output High Gain 1 2 3 4 5 MoreVishay Siliconix
ICPL2730HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT 1 2 3 4 List of Unclassifed Manufacturers
SFH692ATPhotodarlington Optocoupler High BVCEO Voltage Miniflat SOP Package 1 2 3 4 5 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl