Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55V4000ST-85 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC55V4000ST-85
Description  524,288-WORD BY 8-BIT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V4000ST-85 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC55V4000ST-85 Datasheet HTML 1Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 2Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 3Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 4Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 5Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 6Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 7Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 8Page - Toshiba Semiconductor TC55V4000ST-85 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC55V4000ST-70,-85
2001-11-30
2/10
BLOCK DIAGRAM
OPERATING MODE
MODE
CE
OE
R/W
I/O1~I/O8
POWER
Read
L
L
H
Output
IDDO
Write
L
*
L
Input
IDDO
Output Deselect
L
H
H
High-Z
IDDO
Standby
H
*
*
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−0.3~4.6
V
VIN
Input Voltage
−0.3*~4.6
V
VI/O
Input/Output Voltage
−0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
−55~150
°C
Topr
Operating Temperature
−40~85
°C
*:
−3.0 V when measured at a pulse width of 50ns
COLUMN ADDRESS
BUFFER
A17
I/O1
MEMORY CELL ARRAY
2,048
× 256 × 8
(4,194,304)
COLUMN ADDRESS
DECODER
COLUMN ADDERSS
REGISTER
SENSE AMP
A15
A18
A16
A14
A5
A4
A6
A7
CE
VDD
GND
CE
A13
A12
A1
A3 A2
A10
A0 A8 A9 A11
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
8
CE
R/W
OE
CE


Similar Part No. - TC55V4000ST-85

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V400AFT-55 TOSHIBA-TC55V400AFT-55 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

Similar Description - TC55V4000ST-85

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com