Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK12C68-C35 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK12C68-C35
Description  8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-C35 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK12C68-C35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-C35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 1999
4-41
PIN CONFIGURATIONS
VCAP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCCX
HSB
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - 300 PDIP
28 - 600 PDIP
28 - 350 SOIC
28 - 300 CDIP
PIN NAMES
A0 - A12
Address Inputs
DQ0 -DQ7
Data In/Out
E
Chip Enable
W
Write Enable
G
Output Enable
HSB
Hardware Store Busy (I/O)
VCCX
Power (+ 5V)
VCAP
Capacitor
VSS
Ground
STK12C68
8K x 8 AutoStore™ nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
•“Hands-off” Automatic STORE with External
68
µF Capacitor on Power Down
• STORE to EEPROM Initiated by Hardware,
Software or AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention in EEPROM
• Single 5V + 10% Operation
• Not Sensitive to Power On/Off Ramp Rates
• No Data Loss from Undershoot
• Commercial and Industrial Temperatures
• 28-Pin SOIC and DIP Packages
DESCRIPTION
The Simtek STK12C68 is a fast static RAM with a
nonvolatile, electrically erasable PROM element
incorporated in each static memory cell. The SRAM
can be read and written an unlimited number of
times, while independent, nonvolatile data resides in
EEPROM
. Data transfers from the SRAM to the
EEPROM
(the STORE operation) can take place
automatically on power down. A 68
µF or larger
capacitor tied from V
CAP to ground guarantees the
STORE
operation, regardless of power-down slew
rate or loss of power from “hot swapping”. Transfers
from the EEPROM to the SRAM (the RECALL opera-
tion) take place automatically on restoration of
power. Initiation of STORE and RECALL cycles can
also be software controlled by entering specific read
sequences. A hardware STORE may be initiated with
the HSB pin.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
EEPROM ARRAY
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
A0 - A12
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
VCCX
VCAP
HSB


Similar Part No. - STK12C68-C35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-C35 ETC-STK12C68-C35 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK12C68-C35 CYPRESS-STK12C68-C35 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-C35 CYPRESS-STK12C68-C35 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
logo
List of Unclassifed Man...
STK12C68-C35I ETC-STK12C68-C35I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Cypress Semiconductor
STK12C68-C35I CYPRESS-STK12C68-C35I Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
More results

Similar Description - STK12C68-C35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com