Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2389 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2389
Description  MOSFET N-Ch, Enhancement Mode High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2389 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2389 Datasheet HTML 1Page - NTE Electronics NTE2389 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2389
MOSFET
N–Ch, Enhancement Mode
High Speed Switch
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Drain–Source Voltage, VDS
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain–Gate Voltage (RGS = 20kΩ), VDGR
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain Current, ID
Continuous
35A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed
152A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate–Source Voltage, VGS
±30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Dissipation, PD
125W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature range, Tstg
–55
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
1.2
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Resistance, Junction–to–Ambient, RthJA
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Ratings
Drain–Source Breakdown Voltage
BVDSS ID = 0.25mA, VGS = 0
60
V
Gate Threshold Voltage
VGS(th) ID = 1mA, VDS = VGS
2.1
3.0
4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = 60V,
TJ = +25°C
1
10
µA
VGS = 0
TJ = +125°C
0.1
1.0
mA
Gate–Source Leakage Current
IGSS
VGS = ±30V, VDS = 0
10
100
nA
Drain–Source On–State Resistance
RDS(on) ID = 20A, VGS = 10V
40
45
m
Dynamic Ratings
Forward Transconductance
gfs
ID = 20A, VDS = 25V
8
13.5
mhos
Input Capacitance
Ciss
VDS = 25V, VGS = 0, f = 1MHz
1650 2000
pF
Output Capacitance
Coss
560
750
pF
Reverse Transfer Capacitance
Crss
300
400
pF


Similar Part No. - NTE2389

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE238 NTE-NTE238 Datasheet
21Kb / 2P
   Silicon NPN Transistor Color TV, Horizontal Output
NTE2380 NTE-NTE2380 Datasheet
29Kb / 3P
   Complementary Silicon Gate MOSFETs Enhancement Mode, High Speed Switch
NTE2381 NTE-NTE2381 Datasheet
29Kb / 3P
   Complementary Silicon Gate MOSFETs Enhancement Mode, High Speed Switch
NTE2382 NTE-NTE2382 Datasheet
26Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch (Compl to NTE2383)
NTE2383 NTE-NTE2383 Datasheet
25Kb / 3P
   MOSFET P-Channel Enhancement Mode, High Speed Switch (Compl to NTE2382)
More results

Similar Description - NTE2389

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2921 NTE-NTE2921 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2941 NTE-NTE2941 Datasheet
25Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2396 NTE-NTE2396 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2399 NTE-NTE2399 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2923 NTE-NTE2923 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2376 NTE-NTE2376 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2374 NTE-NTE2374 Datasheet
28Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE492 NTE-NTE492 Datasheet
21Kb / 2P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE66 NTE-NTE66 Datasheet
26Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2900 NTE-NTE2900 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com